PART |
Description |
Maker |
1.5SMC510A 1.5SMC62A 1.5SMC36A 1.5SMC400A 1.5SMC48 |
Surface Mount TRANSZORB Transient Voltage Suppressors TRANSZORB® Transient Voltage Suppressors SMD TRANSZORB,瞬态电压抑制器,SMD Surface Mount TRANSZORB Transient Voltage Suppressors 表面贴装TRANSZORB瞬态电压抑制器 Surface Mount TRANSZORB?Transient Voltage Suppressors, Peak Pulse Power 1500W Surface Mount TRANSZORBTransient Voltage Suppressors, Peak Pulse Power 1500W 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. http:// VISAY[Vishay Siliconix] VISHAY SEMICONDUCTORS
|
1.5SMC300A-E3-57T 15SMCSERIES 1.5SMC510A 1.5SMC6.8 |
Surface Mount TRANSZORB? Transient Voltage Suppressors Low profile package TVS SGL BI-DIR 136V 1.5KW 2PIN SMC - Tape and Reel Surface Mount TRANSZORB Transient Voltage Suppressors Surface Mount TRANSZORB Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Low profile package
|
Vishay Siliconix Vishay Semiconductors
|
SMBJ10 SMBJ40 SMBJ40A SMBJ30 SMBJ8.0 SMBJ8.5A SMBG |
SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⒙ TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR High Speec CMOS Logic 4-Bit Parallex Access Register 16-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Output 20-CDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counter 16-CDIP -55 to 125 CMOS Dual Binary Up-Counter 16-CDIP -55 to 125 9-Bit Odd/Even Parity Generator/Checker 14-CDIP -55 to 125 High Speed CMOS Logic Dual J-K Flip-Flops with Set and Reset, Negative-Edge Trigger 16-CDIP -55 to 125 PV SERIES 表面贴装TRANSZORB⑩瞬态电压抑制器 SURFACE MOUNT TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 表面贴装TRANSZORB⑩瞬态电压抑制器 TransZorb Surface Mount Transient Voltage Suppressor(TransZorb表贴型瞬变电压抑制器) TransZorb表面贴装瞬态电压抑制器(TransZorb表贴型瞬变电压抑制器 SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?/a> TRANSIENT VOLTAGE SUPPRESSOR SURFACE MOUNT TRANSZORB?TRANSIENT VOLTAGE SUPPRESSOR
|
http:// GE[General Semiconductor] GE Security, Inc.
|
SMP11A-M3-84A SMP11A-M3-85A SMP26A SMP28A SMP24A S |
Surface Mount TRANSZORB Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-220AA HALOGEN FREE AND ROHS COMPLIANT, PLASTIC PACKAGE-2 Surface Mount TRANSZORB Transient Voltage Suppressors
|
Vishay Siliconix http:// Vishay Beyschlag
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
SMAJ5.0A SMAJ120 SMAJ8.5 SMAJ78A SMAJ8.0 SMAJ70 SM |
Surface Mount TRANSZORB㈢ Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB庐 Transient Voltage Suppressors Surface Mount TRANSZORB垄莽 Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
5KP22 5KP28 5KP20A 5KP26A 5KP40A 5KP51A 5KP78A 5KP |
TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
|
GE[General Semiconductor]
|
P6KE22A-E3 |
TRANSZORB Transient Voltage Suppressors
|
Vishay Siliconix
|
SA65CA-E354 |
TRANSZORB? Transient Voltage Suppressors
|
Vishay Siliconix
|
SAC18 SAC10 |
Low Capacitance TRANSZORB Transient Voltage Suppressors
|
Vishay Siliconix
|
SMBG90A SMBG150A SMBG24A SMBG36A |
Surface Mount TRANSZORB Transient Voltage Suppressors
|
Vishay Siliconix
|
LCE8.0A LCE8.5A LCE10A |
Low Capacitance TRANSZORB? Transient Voltage Suppressors
|
http:// Vishay Siliconix
|